PART |
Description |
Maker |
CP2142 |
4-Channel Low-Dropout Constant-Current Parallel LED Driver
|
CHIP
|
MAX1916 MAX1916EZT |
Low-Dropout, Constant-Current Triple White LED Bias Supply Low-Dropout / Constant-Current Triple White LED Bias Supply
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MSK5275-1.8H MSK5275-1.9 MSK5275-1.7E MSK5275-1.9H |
JO75LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 1300 mA, Low Dropout Voltage Regulator with On/Off Control 175 175 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 Commercial Wire; FLT01VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
LT1511 LT1511CSW LT1511ISW 1511FB |
Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting Constant-Current/Constant-Voltage 3ABattery Charger with Input Current Limiting From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
GL1147 GL1147-50 |
1.4Vmaximum dropout full load current a low dropout at positive fixed-mode regulator with minimum of 1A output current capability.
|
E-Tech Electronics LTD GTM CORPORATION
|
LX8630-00CDD LX8630-00CP LX8630-25CDD LX8630-25CP |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3A BiCMOS Very Low Dropout Regulators
|
MICROSEMI[Microsemi Corporation]
|
LB1940T LB1940U |
Monolithic Digital IC 2-ch H-Bridge Constant Current Driver Constant-current control
|
ON Semiconductor
|
LT1529 LT1529-3.3 LT1529-5 LT1529CQ LT1529CQ-3.3 L |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5 Octal Bus Transceivers 20-SO 0 to 70 3.8 V-14 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.95 V DROPOUT, PSSO5 Octal Bus Transceivers 20-SO 0 to 70 3.8 V-14 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.95 V DROPOUT, PZFM5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.95 V DROPOUT, PSSO5 CONNECTOR ACCESSORY 3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
T6340A T6505A T6505A-ADG T6505A-AEG T6505A-BDG T65 |
T6340A provides the low-dropout bias supply and the high performance alternative solution for the white LEDs application. T6505A is designed for LED displays. The T6506A is a 3-channel constant current LED drivers. 16-channel Constant Current LED Driver with LVDS Interface 24-channel LED Driver with LVDS Interface 16-channel LED Driver with LVDS Interface 24-channel Constant Current LED Driver with LVDS Interface The T8601 is a low cost, simple, high-efficiency off-line LED driver IC. The T8611 is a simple, high voltage, linear current regulator. The T6331A are integrated, high-efficiency white or RGB LED drivers. The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage. The T6333A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
|
Taiwan Memory Technology THine Electronics, Inc.
|
AM25S10/B2A AM25S10/BEA AM25S10/BFA AM25S10DE |
Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting; Package: SO; No of Pins: 24; Temperature Range: 0°C to 70°C Shifter 希夫
|
ZETTLER electronics GmbH
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|